PART |
Description |
Maker |
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
NAND128W3A2BN6 NAND01BGR3A NAND01BGR3A0AN1T NAND01 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMICROELECTRONICS[STMicroelectronics]
|
M49000003Y AM49DL6408H AM49DL6408H55FS AM49DL6408H |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (512 K x 16-Bit)
|
SPANSION[SPANSION]
|
AM41DL3248GB85IT AM41DL3238GB85IT AM41DL3238GT85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc. SPANSION LLC
|
AM41DL6408G25IS AM41DL6408G25IT AM41DL6408G45IS AM |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM 64兆位米8 4x 16位).0伏的CMOS只,同时作业闪存兆位 M中的x 8-Bit/512x 16位),静态存储器 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM 64兆位米8 4米x 16位).0伏的CMOS只,同时作业闪存兆位 M中的x 8-Bit/512亩x 16位),静态存储器
|
Advanced Micro Devices, Inc.
|
AM41DL6408G AM41DL6408G70IS AM41DL6408G70IT AM41DL |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
M29W800DB45N1E M29W800DB M29W800DB45M1E M29W800DB4 |
8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
|
Numonyx B.V
|
M36P0R9060E0 |
512 Mbit Flash memory 64 Mbit (Burst) PSRAM
|
Numonyx
|
M58PV001LE96ZB5 M58PR001LE M58PR001LE96ZB5 M58PR25 |
256-Mbit, 512-Mbit or 1-Gbit (× 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
|
STMicroelectronics
|
MSM64Q424-NGS-K MSM64422-XXXMS-K MSM64424-XXXMS-K |
Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller 内置256/512-Bit EEPROM和LCD驱动位微控制
|
OKI SEMICONDUCTOR CO., LTD.
|
M48T512Y10 M48T512V-70PM1 M48T512Y-70PM1 M48T512V- |
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER庐 SRAM 5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER? SRAM
|
STMicroelectronics
|
H27U518S2CTR-BC H27U518S2C |
512 Mbit (64 M x 8 bit) NAND Flash 512 Mb NAND Flash
|
Hynix Semiconductor
|